PART |
Description |
Maker |
PLDC20RA10 PLDC20RA10-15JC PLDC20RA10-15PC PLDC20R |
Programmable Logic : Programmable Logic Devices Reprogrammable Asynchronous CMOS Logic Device
|
Cypress Semiconductor
|
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
NC7SZ58P6XNL NC7SZ58P6X NC7SZ57 NC7SZ57_05 NC7SZ57 |
TinyLogic UHS Universal Configurable 2-Input Logic Gates SPECIALTY LOGIC CIRCUIT, PDSO6
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BU4070B/BF BU4030B/BF |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4053BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4011B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
NLX1G58AMX1TCG NLX1G58BMX1TCG |
Configurable Multifunction Gate Flexible Choice Logic (9 Functions), Inverting SPECIALTY LOGIC CIRCUIT, DSO6
|
Rectron Semiconductor
|
HCPL-6230 HCPL-6231 HCPL-623K HCPL-6250 HCPL-6251 |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 5 Mbps Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
|
AVAGO TECHNOLOGIES LIMITED
|
HCPL-2400 HCPL-2430 HCPL2400 HCPL-2400500 |
20 MBd High CMR Logic Gate Optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 40 Mbps 0.300 INCH, DIP-8
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Ecliptek, Corp.
|
4N25A 4N26A 4N27SHORT 4N28SHORT 4N28A E001733 4N25 |
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR) AC LINE / DIGITAL LOGIC ISOLATOR DIGITAL LOGIC / DIGITAL LOGIC ISOLATOR From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|